Part Number Hot Search : 
1N2493 AD642J MPC5634M PE1010 MAX693 LCE12 5DC12 V5A91QC5
Product Description
Full Text Search
 

To Download G3202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 1.4 feb 19, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3202 global mixed-mode technology inc. 1 spdt analog switch features ? isolation in powered-down mode, v+=0 ? typical 1.15 on-state resistance at 4.5v vcc ? low charge injection ? ? ? excellent on resistance matching ? +1.65v to +5.5v single-supply operation ? low total harmonic distortion ? low supply current ( <0.3 a ) ? break-before-make enable circuitry ? control inputs 5v tolerant ? sc-70-6 (sot-363) and wlcsp2x3-6 package applications ? cell phones ? pdas ? portable instrumentation general description the G3202 is a low on-resistance, spdt (sin- gle-pole/double-throw) analog switch that operates from a 1.65v to 5.5v supply. the device offers an ex- cellent on-resistance matching, and low total har- monic distortion (thd) performance. the device is designed for fast switching speeds with the break- before-make feature to prevent signal distortion during the transferring of signal from one channel to another. these features make this device suitable for portable audio applications. the G3202 is available in the sc-70-6 (sot-363) and wlcsp2x3-6 package. ordering information order number marking temp. range package (green) G3202tl1u 322x -40 c to 85 c sc-70-6 (sot-363) G3202tl2u 32bx -40 c to 85 c sc-70-6 (sot-363) G3202b21u 322x -40 c to 85 c wlcsp2x3-6 note: tl: sc-70-6 (sot-363) b2: wlcsp2x3-6 1& 2: bonding code u: tape &reel pin configuration s a vcc gnd b1 1 2 3 4 5 6 G3202 tl1 sc-70-6 (sot-363) b0 6 bump wlcsp b1 a b c gnd b0 1 2 top view wlcsp2x3-6 vcc a s b1 b0 a vcc s 1 2 3 4 5 6 G3202 tl2 gnd sc-70-6 (sot-363) s a vcc gnd b1 1 2 3 4 5 6 G3202 tl1 sc-70-6 (sot-363) b0 6 bump wlcsp b1 a b c gnd b0 1 2 top view wlcsp2x3-6 vcc a s b1 b0 a vcc s 1 2 3 4 5 6 G3202 tl2 gnd sc-70-6 (sot-363)
ver: 1.1 dec 04, 2007 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3202a global mixed-mode technology inc. 1 spdt analog switch features ? isolation in powered-down mode, v+=0 ? maximum 1.15 on-state resistance at 4.5v vcc ? low charge injection ? ? ? excellent on resistance matching ? +1.65v to +5.5v single-supply operation ? low total harmonic distortion ? low supply current ( <0.3 a ) ? break-before-make enable circuitry ? control inputs 5-v tolerant ? sc-70-6 and wlcsp2x3-6 package applications ? cell phones ? pdas ? portable instrumentation general description the G3202a is a low on-resistance, spdt (sin- gle-pole/double-throw) analog switch that operates from a 1.65v to 5.5v supply. the device offers an ex- cellent on-resistance matching, and low total har- monic distortion (thd) performance. the device is designed for fast switching speeds with the break- before-make feature to prevent signal distortion during the transferring of signal from one channel to another. these features make this device suitable for portable audio applications. the G3202a is available in the sc-70-6 and wlcsp2x3-6 package. ordering information order number marking temp. range package (pb free) G3202atl1u 320x -40 c to 85 c sc-70-6 G3202atl2u 32cx -40 c to 85 c sc-70-6 G3202ab21u 32b -40 c to 85 c wlcsp2x3 note: tl: sc-70-6 b2: wlcsp2x3-6 1& 2: bonding code u: tape & reel pin configuration s a vcc gnd b1 1 2 3 4 5 6 G3202a tl1 sc-70-6 b0 6 bump wlcsp b1 a b c gnd b0 1 2 top view wlcsp2x3-6 vcc a s b1 b0 a vcc s 1 2 3 4 5 6 G3202a tl2 sc-70-6 gnd s a vcc gnd b1 1 2 3 4 5 6 G3202a tl1 sc-70-6 b0 6 bump wlcsp b1 a b c gnd b0 1 2 top view wlcsp2x3-6 vcc a s b1 b0 a vcc s 1 2 3 4 5 6 G3202a tl2 sc-70-6 gnd
ver: 1.1 feb 19, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3202b global mixed-mode technology inc. 1 spdt analog switch features ? isolation in powered-down mode, v+=0 ? typical 1.15 on-state resistance at 4.5v v cc ? low charge injection ? ? ? excellent on resistance matching ? +1.65v to +5.5v single-supply operation ? low total harmonic distortion ? low supply current ( <0.3 a ) ? break-before-make enable circuitry ? control inputs 5v tolerant ? sc-70-6 (sot-363) and wlcsp2x3-6 package applications ? cell phones ? pdas ? portable instrumentation general description the G3202 is a low on-resistance, spdt (sin- gle-pole/double-throw) analog switch that operates from a 1.65v to 5.5v supply. the device offers an ex- cellent on-resistance matching, and low total har- monic distortion (thd) performance. the device is designed for fast switching speeds with the break- before-make feature to prevent signal distortion during the transferring of signal from one channel to another. these features make this device suitable for portable audio applications. the G3202 is available in the sc-70-6 (sot-363) and wlcsp2x3-6 package. ordering information order number marking temp. range package (green) G3202btl1u 3b2x -40 c to 85 c sc-70-6 (sot-363) G3202btl2u 3bbx -40 c to 85 c sc-70-6 (sot-363) G3202bb21u 3bb -40 c to 85 c wlcsp2x3-6 note: tl: sc-70-6 (sot-363) b2: wlcsp2x3-6 1& 2: bonding code u: tape &reel pin configuration s a vcc gnd b1 1 2 3 4 5 6 G3202b tl1 sc-70-6 (sot-363) b0 6 bump wlcsp b1 a b c gnd b0 1 2 top view wlcsp2x3-6 vcc a s b1 b0 a vcc s 1 2 3 4 5 6 G3202b tl2 gnd sc-70-6 (sot-363) s a vcc gnd b1 1 2 3 4 5 6 G3202b tl1 sc-70-6 (sot-363) b0 6 bump wlcsp b1 a b c gnd b0 1 2 top view wlcsp2x3-6 vcc a s b1 b0 a vcc s 1 2 3 4 5 6 G3202b tl2 gnd sc-70-6 (sot-363)


▲Up To Search▲   

 
Price & Availability of G3202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X